| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9BF412R Fiches technique(PDF) 36 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R Fiches technique(HTML) 36 Page - SPANSION |
|
36 / 121 page ![]() D a t a S h e e t March 11, 2015, MB9B410R-DS706-00026-3v0-E 33 CONFIDENTIAL Module Pin name Function Pin No LQFP- 100 BGA- 112 LQFP- 120 QFP- 100 External Interrupt INT00_0 External interrupt request 00 input pin 2 C1 2 80 INT00_1 82 C8 97 60 INT00_2 87 D7 102 65 INT01_0 External interrupt request 01 input pin 3 C2 3 81 INT01_1 83 D9 98 61 INT01_2 - - 85 - INT02_0 External interrupt request 02 input pin 4 B3 4 82 INT02_1 53 J10 63 31 INT02_2 - - 82 - INT03_0 External interrupt request 03 input pin 93 D6 113 71 INT03_1 56 H9 66 34 INT03_2 9 E1 14 87 INT04_0 External interrupt request 04 input pin 12 E4 17 90 INT04_1 59 G9 69 37 INT04_2 10 E2 15 88 INT05_0 External interrupt request 05 input pin 74 C10 89 52 INT05_1 65 F9 75 43 INT05_2 11 E3 16 89 INT06_1 External interrupt request 06 input pin 73 C11 88 51 INT06_2 45 K8 50 23 INT07_2 External interrupt request 07 input pin 5 D1 5 83 INT08_1 External interrupt request 08 input pin 14 F2 19 92 INT08_2 8 D5 8 86 INT09_1 External interrupt request 09 input pin 15 F3 20 93 INT09_2 - - 11 - INT10_1 External interrupt request 10 input pin 16 G1 21 94 INT10_2 - - 112 - INT11_1 External interrupt request 11 input pin 17 G2 22 95 INT11_2 - - 110 - INT12_1 External interrupt request 12 input pin 27 J4 32 5 INT12_2 - - 108 - INT13_1 External interrupt request 13 input pin 28 L5 33 6 INT13_2 - - 52 - INT14_1 External interrupt request 14 input pin 39 K6 44 17 INT14_2 - - 53 - INT15_1 External interrupt request 15 input pin 96 C4 116 74 INT15_2 - - 54 - NMIX Non-Maskable Interrupt input pin 92 B5 107 70 |