| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9BF412R Fiches technique(PDF) 45 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R Fiches technique(HTML) 45 Page - SPANSION |
|
45 / 121 page ![]() D a t a S h e e t 42 MB9B410R-DS706-00026-3v0-E, March 11, 2015 CONFIDENTIAL Module Pin name Function Pin No LQFP- 100 BGA- 112 LQFP- 120 QFP- 100 Multi- function Timer 2 DTTI2X_0 Input signal controlling wave form generator outputs RTO20 to RTO25 of Multi-function timer 2. 92 B5 107 70 DTTI2X_1 92 B5 107 70 FRCK2_0 16-bit free-run timer ch.2 external clock input pin 87 D7 102 65 FRCK2_1 - - 112 - IC20_0 16-bit input capture ch.2 input pin of Multi-function timer 2. ICxx describes channel number. 88 A6 103 66 IC20_1 - - 108 - IC21_0 89 B6 104 67 IC21_1 - - 109 - IC22_0 90 C6 105 68 IC22_1 - - 110 - IC23_0 91 A5 106 69 IC23_1 - - 111 - RTO20_0 (PPG20_0) Wave form generator output pin of Multi-function timer 2. This pin operates as PPG20 when it is used in PPG2 output modes. - - 113 - RTO20_1 (PPG20_1) 86 C7 101 64 RTO21_0 (PPG20_0) Wave form generator output pin of Multi-function timer 2. This pin operates as PPG20 when it is used in PPG2 output modes. - - 112 - RTO21_1 (PPG20_1) 87 D7 102 65 RTO22_0 (PPG22_0) Wave form generator output pin of Multi-function timer 2. This pin operates as PPG22 when it is used in PPG2 output modes. - - 111 - RTO22_1 (PPG22_1) 88 A6 103 66 RTO23_0 (PPG22_0) Wave form generator output pin of Multi-function timer 2. This pin operates as PPG22 when it is used in PPG2 output modes. - - 110 - RTO23_1 (PPG22_1) 89 B6 104 67 RTO24_0 (PPG24_0) Wave form generator output pin of Multi-function timer 2. This pin operates as PPG24 when it is used in PPG2 output modes. - - 109 - RTO24_1 (PPG24_1) 90 C6 105 68 RTO25_0 (PPG24_0) Wave form generator output pin of Multi-function timer 2. This pin operates as PPG24 when it is used in PPG2 output modes. - - 108 - RTO25_1 (PPG24_1) 91 A5 106 69 |