Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9BF412R Fiches technique(PDF) 40 Page - SPANSION

No de pièce MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Fiches technique(HTML) 40 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 36Page - SPANSION MB9BF412R Datasheet HTML 37Page - SPANSION MB9BF412R Datasheet HTML 38Page - SPANSION MB9BF412R Datasheet HTML 39Page - SPANSION MB9BF412R Datasheet HTML 40Page - SPANSION MB9BF412R Datasheet HTML 41Page - SPANSION MB9BF412R Datasheet HTML 42Page - SPANSION MB9BF412R Datasheet HTML 43Page - SPANSION MB9BF412R Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B410R-DS706-00026-3v0-E
37
CONFIDENTIAL
Module
Pin name
Function
Pin No.
LQFP-
100
BGA-
112
LQFP-
120
QFP-
100
Multi-
function
Serial
2
SIN2_0
Multi-function serial interface ch.2 input pin
-
-
53
-
SIN2_1
-
-
85
-
SIN2_2
59
G9
69
37
SOT2_0
(SDA2_0)
Multi-function serial interface ch.2 output
pin.
This pin operates as SOT2 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA2 when it is used in an I
2C
(operation mode 4).
-
-
54
-
SOT2_1
(SDA2_1)
-
-
84
-
SOT2_2
(SDA2_2)
63
G8
73
41
SCK2_0
(SCL2_0)
Multi-function serial interface ch.2 clock I/O
pin.
This pin operates as SCK2 when it is used in
a CSIO (operation modes 2) and as SCL2
when it is used in an I
2C (operation mode 4).
-
-
55
-
SCK2_1
(SCL2_1)
-
-
83
-
SCK2_2
(SCL2_2)
64
F10
74
42
Multi-
function
Serial
3
SIN3_0
Multi-function serial interface ch.3 input pin
-
-
110
-
SIN3_1
2
C1
2
80
SIN3_2
39
K6
44
17
SOT3_0
(SDA3_0)
Multi-function serial interface ch.3 output
pin.
This pin operates as SOT3 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA3 when it is used in an I
2C
(operation mode 4).
-
-
109
-
SOT3_1
(SDA3_1)
3
C2
3
81
SOT3_2
(SDA3_2)
40
J6
45
18
SCK3_0
(SCL3_0)
Multi-function serial interface ch.3 clock I/O
pin.
This pin operates as SCK3 when it is used in
a CSIO (operation modes 2) and as SCL3
when it is used in an I
2C (operation mode 4).
-
-
108
-
SCK3_1
(SCL3_1)
4
B3
4
82
SCK3_2
(SCL3_2)
41
L7
46
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More