| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9BF412R Fiches technique(PDF) 32 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R Fiches technique(HTML) 32 Page - SPANSION |
|
32 / 121 page ![]() D a t a S h e e t March 11, 2015, MB9B410R-DS706-00026-3v0-E 29 CONFIDENTIAL List of pin functions The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Module Pin name Function Pin No LQFP- 100 BGA- 112 LQFP- 120 QFP- 100 ADC ADTG_0 A/D converter external trigger input pin 84 A7 99 62 ADTG_1 7 D3 7 85 ADTG_2 18 F4 23 96 ADTG_3 94 C5 114 72 ADTG_4 - - 81 - ADTG_5 70 D11 80 48 ADTG_6 12 E4 17 90 ADTG_7 30 J5 35 8 ADTG_8 - - 110 - AN00 A/D converter analog input pin. ANxx describes ADC ch.xx. 52 J11 62 30 AN01 53 J10 63 31 AN02 54 J8 64 32 AN03 55 H10 65 33 AN04 56 H9 66 34 AN05 57 H7 67 35 AN06 58 G10 68 36 AN07 59 G9 69 37 AN08 63 G8 73 41 AN09 64 F10 74 42 AN10 65 F9 75 43 AN11 66 E11 76 44 AN12 67 E10 77 45 AN13 68 F8 78 46 AN14 69 E9 79 47 AN15 70 D11 80 48 Base Timer 0 TIOA0_0 Base timer ch.0 TIOA pin 27 J4 32 5 TIOA0_1 19 G3 24 97 TIOA0_2 85 B7 100 63 TIOB0_0 Base timer ch.0 TIOB pin 40 J6 45 18 TIOB0_1 9 E1 14 87 TIOB0_2 86 C7 101 64 Base Timer 1 TIOA1_0 Base timer ch.1 TIOA pin 28 L5 33 6 TIOA1_1 20 H1 25 98 TIOA1_2 5 D1 5 83 TIOB1_0 Base timer ch.1 TIOB pin 41 L7 46 19 TIOB1_1 10 E2 15 88 TIOB1_2 6 D2 6 84 Base Timer 2 TIOA2_0 Base timer ch.2 TIOA pin 29 K5 34 7 TIOA2_1 21 H2 26 99 TIOA2_2 96 C4 116 74 TIOB2_0 Base timer ch.2 TIOB pin 42 K7 47 20 TIOB2_1 11 E3 16 89 TIOB2_2 95 B4 115 73 |