Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9BF412R Fiches technique(PDF) 41 Page - SPANSION

No de pièce MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Fiches technique(HTML) 41 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 37Page - SPANSION MB9BF412R Datasheet HTML 38Page - SPANSION MB9BF412R Datasheet HTML 39Page - SPANSION MB9BF412R Datasheet HTML 40Page - SPANSION MB9BF412R Datasheet HTML 41Page - SPANSION MB9BF412R Datasheet HTML 42Page - SPANSION MB9BF412R Datasheet HTML 43Page - SPANSION MB9BF412R Datasheet HTML 44Page - SPANSION MB9BF412R Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 121 page
background image
D a t a S h e e t
38
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
BGA-
112
LQFP-
120
QFP-
100
Multi-
function
Serial
4
SIN4_0
Multi-function serial interface ch.4 input pin
87
D7
102
65
SIN4_1
65
F9
75
43
SIN4_2
82
C8
97
60
SOT4_0
(SDA4_0)
Multi-function serial interface ch.4 output
pin.
This pin operates as SOT4 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA4 when it is used in an I
2C
(operation mode 4).
88
A6
103
66
SOT4_1
(SDA4_1)
66
E11
76
44
SOT4_2
(SDA4_2)
83
D9
98
61
SCK4_0
(SCL4_0)
Multi-function serial interface ch.4 clock I/O
pin.
This pin operates as SCK4 when it is used in
a CSIO (operation modes 2) and as SCL4
when it is used in an I
2C (operation mode 4).
89
B6
104
67
SCK4_1
(SCL4_1)
67
E10
77
45
SCK4_2
(SCL4_2)
84
A7
99
62
RTS4_0
Multi-function serial interface ch.4 RTS
output pin
90
C6
105
68
RTS4_1
69
E9
79
47
RTS4_2
86
C7
101
64
CTS4_0
Multi-function serial interface ch.4 CTS
input pin
91
A5
106
69
CTS4_1
68
F8
78
46
CTS4_2
85
B7
100
63
Multi-
function
Serial
5
SIN5_0
Multi-function serial interface ch.5 input pin
96
C4
116
74
SIN5_1
93
D6
113
93
SIN5_2
15
F3
20
93
SOT5_0
(SDA5_0)
Multi-function serial interface ch.5 output
pin.
This pin operates as SOT5 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA5 when it is used in an I
2C
(operation mode 4).
95
B4
115
73
SOT5_1
(SDA5_1)
-
-
112
-
SOT5_2
(SDA5_2)
16
G1
21
94
SCK5_0
(SCL5_0)
Multi-function serial interface ch.5 clock I/O
pin.
This pin operates as SCK5 when it is used in
a CSIO (operation modes 2) and as SCL5
when it is used in an I
2C (operation mode 4).
94
C5
114
72
SCK5_1
(SCL5_1)
-
-
111
-
SCK5_2
(SCL5_2)
17
G2
22
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More