| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9BF412R Fiches technique(PDF) 63 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R Fiches technique(HTML) 63 Page - SPANSION |
|
63 / 121 page ![]() D a t a S h e e t 60 MB9B410R-DS706-00026-3v0-E, March 11, 2015 CONFIDENTIAL Peripheral Address Map Start address End address Bus Peripherals 0x4000_0000 0x4000_0FFF AHB MainFlash I/F register 0x4000_1000 0x4000_FFFF Reserved 0x4001_0000 0x4001_0FFF APB0 Clock/Reset Control 0x4001_1000 0x4001_1FFF Hardware Watchdog timer 0x4001_2000 0x4001_2FFF Software Watchdog timer 0x4001_3000 0x4001_4FFF Reserved 0x4001_5000 0x4001_5FFF Dual-Timer 0x4001_6000 0x4001_FFFF Reserved 0x4002_0000 0x4002_0FFF APB1 Multi-function timer unit0 0x4002_1000 0x4002_1FFF Multi-function timer unit1 0x4002_2000 0x4002_3FFF Multi-function timer unit2 0x4002_4000 0x4002_4FFF PPG 0x4002_5000 0x4002_5FFF Base Timer 0x4002_6000 0x4002_6FFF Quadrature Position/Revolution Counter 0x4002_7000 0x4002_7FFF A/D Converter 0x4002_8000 0x4002_DFFF Reserved 0x4002_E000 0x4002_EFFF Internal CR trimming 0x4002_F000 0x4002_FFFF Reserved 0x4003_0000 0x4003_0FFF APB2 External Interrupt Controller 0x4003_1000 0x4003_1FFF Interrupt Request Batch-Read Function 0x4003_2000 0x4003_2FFF Reserved 0x4003_3000 0x4003_3FFF GPIO 0x4003_4000 0x4003_4FFF Reserved 0x4003_5000 0x4003_5FFF Low-Voltage Detector 0x4003_6000 0x4003_6FFF Reserved 0x4003_7000 0x4003_7FFF CAN prescaler 0x4003_8000 0x4003_8FFF Multi-function serial Interface 0x4003_9000 0x4003_9FFF CRC 0x4003_A000 0x4003_AFFF Watch Counter 0x4003_B000 0x4003_BFFF Real-time clock 0x4003_C000 0x4003_EFFF Reserved 0x4003_F000 0x4003_FFFF External Memory interface 0x4004_0000 0x4005_FFFF AHB Reserved 0x4006_0000 0x4006_0FFF DMAC register 0x4006_1000 0x4006_1FFF Reserved 0x4006_2000 0x4006_2FFF CAN ch.0 0x4006_3000 0x4006_3FFF CAN ch.1 0x4006_4000 0x41FF_FFFF Reserved 0x200E_0000 0x200E_FFFF WorkFlash I/F register |