Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EMC2302 Datasheet

  • # Example questions: ➢ Describe the pin type 'diod' as defined in table 3-2, and explain its functionality. what external component is typically required when using a pin of this type?
    ➢ How is the fan drive percentage calculated when operating in 'direct setting' mode, and what register value is used in this calculation?
    ➢ What are the two primary modes of operation for each fan driver in the emc2301/2/3/5 family, and how does the 'direct setting' mode function?

  • Part No.EMC2302
    ManufacturerMICROCHIP
    Size969 Kbytes
    Pages70 pages
    DescriptionSingle/Multiple RPM-Based PWM Fan Controller
    Datasheet Summary with AI

    Okay, I'm summarizing the provided text from the EMC2301/2/3/5 family datasheet. Here's a breakdown of the key information:

    1. Product Overview:

    ️· The EMC2301/2/3/5 family are SMBus-compliant fan controllers that manage up to five programmable fan drivers.
    ️· They offer two modes of operation: Direct Fan Drive Setting and Fan Speed Control (FSC).

    2. Pin Descriptions (Key points from Table 3-1 & 3-2):

    ️· SMDATA & SMCLK: SMBus communication pins (require external pull-up resistors).
    ️· VDD: Power Supply pin.
    ️· ADDR_SEL: Address Selection input (EMC2303 & EMC2305 only; requires external pull-up).
    ️· PWM1/2/3/4/5: PWM fan driver outputs (configurable as push-pull or open drain).
    ️· TACH1/2/3/4/5: Tachometer inputs for feedback.
    ️· CLK: External 32.768 kHz clock input.
    ️· ALERT: SMBus alert pin (active low, requires pull-up).
    ️· GND: Ground
    ️· Pin Types: Digital Input, Push Pull Digital output, Digital Input/Open Drain Output (requiring a pull-up), Open Drain Digital output.

    3. Fan Control Modes:


    ️· Direct Fan Drive Setting: User directly controls the fan drive via the Fan Driver Setting Register. Enables Ramp Rate control via the ENRCx bit.
    ️· Fan Speed Control (FSC): User sets a target tachometer count, and the controller adjusts the fan drive to achieve it. Utilizes the Spin Up Routine. Enabled by the ENAGx bit in the Fan Configuration Register.

    4. Equations:

    ️· Drive Calculation: `Drive = (VALUE / 255) x 100%` (converts register value to percentage drive)



    Overall, the document describes a family of fan controllers that are flexible, configurable, and SMBus-compatible, suitable for a wide range of thermal management applications.

    1. Product Overview:

    ️· The EMC2301/2/3/5 family are SMBus-compliant fan controllers that manage up to five programmable fan drivers.
    ️· They offer two modes of operation: Direct Fan Drive Setting and Fan Speed Control (FSC).

    2. Pin Descriptions (Key points from Table 3-1 & 3-2):

    ️· SMDATA & SMCLK: SMBus communication pins (require external pull-up resistors).
    ️· VDD: Power Supply pin.
    ️· ADDR_SEL: Address Selection input (EMC2303 & EMC2305 only; requires external pull-up).
    ️· PWM1/2/3/4/5: PWM fan driver outputs (configurable as push-pull or open drain).
    ️· TACH1/2/3/4/5: Tachometer inputs for feedback.
    ️· CLK: External 32.768 kHz clock input.
    ️· ALERT: SMBus alert pin (active low, requires pull-up).
    ️· GND: Ground
    ️· Pin Types: Digital Input, Push Pull Digital output, Digital Input/Open Drain Output (requiring a pull-up), Open Drain Digital output.

    3. Fan Control Modes:

    ️· Direct Fan Drive Setting: User directly controls the fan drive via the Fan Driver Setting Register. Enables Ramp Rate control via the ENRCx bit.
    ️· Fan Speed Control (FSC): User sets a target tachometer count, and the controller adjusts the fan drive to achieve it. Utilizes the Spin Up Routine. Enabled by the ENAGx bit in the Fan Configuration Register.

    4. Equations:

    ️· Drive Calculation: `Drive = (VALUE / 255) x 100%` (converts register value to percentage drive)



    Overall, the document describes a family of fan controllers that are flexible, configurable, and SMBus-compatible, suitable for a wide range of thermal management applications.

    Part No.EMC2302
    ManufacturerMICROCHIP
    Size969 Kbytes
    Pages70 pages
    DescriptionSingle/Multiple RPM-Based PWM Fan Controller