| Moteur de recherche de fiches techniques de composants électroniques |
|
PC87413 Fiches technique(PDF) 189 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87413 Fiches technique(HTML) 189 Page - National Semiconductor (TI) |
|
189 / 257 page ![]() 9.0 System Wake-Up Control (SWC) (Continued) Revision 1.2 189 www.national.com Table 49. ONCTL and PWBTOUT as a Function of the Power Fail Resume Mode RESUME_MD EXT_ST_SELECT1 SLPS3 Pin LAST_ONCTL RTC Alarm in Power Fail2 ONCTL Pin PWBTOUT Pin 00 (Default) 0X X X 1 - 1 0X X 1 - 1X X 0 (On) Pulse3 01 0X X 0 1 - 1 0X 0 1 - 1X X 0 (On) Pulse3 X X X 1 0 (On) Pulse3 10 XX 0 X 1 - X X 1 X 0 (On) Pulse3 11 XX 0 0 1 - X X 1 X 0 (On) Pulse3 X X X 1 0 (On) Pulse3 1. EXT_ST_SELECT bit in the SLP_ST_CFG register (see Section 9.3.31 on page 200). The EXTSTMUX bit in the SIOCF3 register (see Section 3.7.4 on page 51) has to be set to the same value as EXT_ST_SELECT. 2. RTC Alarm event active during Power Fail. 3. A pulse is generated only if the PWBTOUT_MODE bit in the ACPI_CFG register is ‘0’ (see Section 9.3.32 on page 201). |