Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC87413 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  PC87413 Datasheet HTML 1Page - National Semiconductor (TI) PC87413 Datasheet HTML 2Page - National Semiconductor (TI) PC87413 Datasheet HTML 3Page - National Semiconductor (TI) PC87413 Datasheet HTML 4Page - National Semiconductor (TI) PC87413 Datasheet HTML 5Page - National Semiconductor (TI) PC87413 Datasheet HTML 6Page - National Semiconductor (TI) PC87413 Datasheet HTML 7Page - National Semiconductor (TI) PC87413 Datasheet HTML 8Page - National Semiconductor (TI) PC87413 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 257 page
background image
Features (Continued)
Revision 1.2
3
www.national.com
— Supports fast tape drives (2 Mbps) and standard
tape drives (1 Mbps, 500 Kbps and 250 Kbps)
s
Keyboard and Mouse Controller (KBC)
— 8-bit
microcontroller,
software
compatible
with
8042AH and PC87911
— Standard interface (60h, 64h, IRQ1 and IRQ12)
— Supports two external swapable PS/2 interfaces for
keyboard and mouse
— Five programmable, dedicated, open-drain I/O lines
(Fast GA20/P21, KBRST/P20, P12, P16, P17)
General-Purpose Modules
s
General-Purpose I/O (GPIO) Ports
— 51 GPIO Ports:
❏
Individually assigned to either LPC or ACB con-
trol (PC87413 and PC87417)
❏
46 individually configured as input or output
❏
Five output-only
— Programmable features for each output pin:
❏
Drive type (open-drain, push-pull or TRI-STATE)
❏
TRI-STATE on VDD-fall detection for pins driving
VDD-supplied devices
— Programmable option for internal pull-up resistor on
each input pin
— Lock option for the configuration and data of each
output pin
— 16 GPIO ports generate IRQ/SIOSMI/SIOSCI for
wake-up events, with individual:
❏
Enable control
❏
Polarity and edge/level selection
❏
Debounce mechanism
— VSB powered
— Low-cost external GPIO port expansion via X-Bus
(PC87416 and PC87417)
s
Real-Time Clock (RTC)
— DS1287, MC146818 and PC87911 compatible
— 242-byte battery backed-up CMOS RAM in two
banks (accessed through 70-71h and 72-73h)
— Selective lock mechanisms for the RTC RAM
— Y2K-compliant calendar, including century and
automatic leap-year adjustment
— Time of day in seconds, minutes and hours that al-
lows a 12-hour or 24-hour format with optional
adjustment for daylight saving time
— BCD or binary format for timekeeping
— Four individually maskable interrupt event flags:
❏
Periodic rates from 122
µs to 500 ms
❏
Day-of-month alarm
❏
Time-of-day alarm
❏
Once-per-second to once-per-day
— Double-buffer time registers
Power Management
s
Supports ACPI Specification Revision 1.0b, Feb. 2, 1999
s
System Wake-Up Control (SWC)
— Wake-up request on detection of:
❏
Preprogrammed Keyboard or Mouse sequence
❏
External modem ring from RI1 or RI2 on serial
ports
❏
Predetermined RTC date and time alarm
❏
General-Purpose Input Events from up to 16
GPIO pins
❏
IRQs of internal logical devices
— Optional routing of power-up request to SERIRQ,
SIOSMI, SIOSCI, PWBTOUT and ONCTL
— Routing control per input/output event combination
— Outputs enable/disable per event and system state
combination (ACPI Sx states)
— Implements bank “b” of the ACPI registers
— Suspend modes via software emulation (control)
— Battery-backed event-logic configuration
— Power button support, featuring:
❏
On/Off control
❏
Power-off, 4-second override
❏
Power button output
— Sleep Button support
s
Power Supply On/Off control
— Supports Legacy- and ACPI-compatible Power
button
— Direct power supply control in response to wake-up
events
— Programmable Crowbar time-out for On request
— On/Off control via software emulation
— Power-fail recovery
s
Enhanced Power Management (PM), including:
— Special configuration registers for power down
— Reduced current leakage from pins
— Low-power CMOS technology
— Ability to disable all modules
s
Keyboard Events
— Wake-up on any key
— Supports programmable 8-byte sequence “pass-
word” for Power Management
— Simultaneous recognition of three programmable
keys (sequences): “Power”, “Sleep” and “Resume”
s
Power Active Timers
— Two power-on, elapsed-time counters for the main
(VDD) and standby (VSB) power supplies
— 32-bit counters with 1 second LSB
— VBAT backed-up counters