| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 123 Page - STMicroelectronics |
|
123 / 229 page ![]() UM0097 Peripheral firmware overview 123/229 Table 58 describes the BSPI flags. BSPI interrupts The following enumeration defines the BSPI interrupts. The BSPI_ITS_ERR is defined in the file 71x_bspi.h as follows: typedef enum { BSPI_BEIE = 0x80, BSPI_REIE = 0x10, BSPI_ALL_ERR = 0x90 } BSPI_IT_ERR; Table 59 enumerates the BSPI interrupts. Transmit interrupt sources The following enumeration defines the BSPI transmit interrupt sources. The TR_IT_SRCS is defined in the file 71x_bspi.h as follows: typedef enum { BSPI_TR_FE, BSPI_TR_UFL, BSPI_TR_FF, BSPI_TR_DIS } BSPI_IT_TR; Table 58. BSPI flags BSPI Register Register Offset Flag Flag Index Flag Code BSP_SR2 0x0C BSPI_BERR: Bus error flag 2 0x04 BSPI_RFNE: Receive FIFO not empty flag 3 0x08 BSPI_RFF: Receive FIFO full flag 4 0x10 BSPI_ROFL: Receive overflow flag 5 0x20 BSPI_TFE: Transmit FIFO empty flag 6 0x40 BSPI_TUFL: Transmit underflow flag 7 0x80 BSPI_TFF: Transmit FIFO full flag 8 0x100 BSPI_TFNE: Transmit FIFO not empty flag 9 0x200 Table 59. BSPI interrupts BSPI Interrupt Flags Description BSPI_BEIE Bus Error Interrupt BSPI_REIE Receive Error Interrupt BSPI_ALL_ERR All Error interrupts: BSPI_BEIE and BSPI_REIE |