| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 119 Page - STMicroelectronics |
|
119 / 229 page ![]() UM0097 Peripheral firmware overview 119/229 TIM_ITConfig Example: This example illustrates how to enable the TIM3 overflow and input capture A interrupts. { ... TIM_ITConfig (TIM3, TIM_TO_IT | TIM_ICA_IT, ENABLE); ... } TIM_FlagStatus Function Name TIM_ITConfig Function Prototype void TIM_ITConfig (TIM_TypeDef *TIMx, u16 New_IT, FunctionalState NewState); Behavior Description This routine is used to configure the TIM interrupt. Input Parameter 1 TIMx: specifies the TIM to be configured. Refer to TIM values on page 103 for more details on the allowed values of this parameter. Input Parameter 2 New_IT: specifies the TIM interrupt to be configured. You can specify one or more TIM interrupts to be configured using the logical operator ‘OR’. Refer to TIM interrupts on page 106 for more details on the allowed values of this parameter. Input Parameter 3 NewState: specifies the TIM interrupt state whether it would be enabled or disabled. – ENABLE: the corresponding TIM interrupt(s) will be enabled – DISABLE: the corresponding TIM interrupt(s) will be disabled Output Parameter None Return Value None Required preconditions None Called Functions None Function Name TIM_FlagStatus Function Prototype FlagStatus TIM_FlagStatus (TIM_TypeDef *TIMx, TIM_Flags Xflag); Behavior Description This routine is used to check aTIM flag status. Input Parameter 1 TIMx: specifies the TIM to check a flag. Refer to TIM values on page 103 for more details on the allowed values of this parameter. Input Parameter 2 Xflag: specifies the TIM flag to be tested. Refer to TIM flags enumeration on page 103 for more details on the allowed values of this parameter. Output Parameter None Return Value The flag status passed in parameter. Required preconditions None Called Functions None |