| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 157 Page - STMicroelectronics |
|
157 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 157/162 Syntax TRAP Operation PC = PC + 1 (SP--) = LSB (PC) (SP--) = MSB (PC) (SP--) = Ext(PC) (SP--) = YL (SP--) = YH (SP--) = XL (SP--) = XH (SP--) = A (SP--) = CC PC = TRAP Interrupt Vector Contents Description When processed, this instruction forces the trap interrupt to occur and to be processed. It cannot be masked by the I0 or I1 flags. Instruction overview I1 and I0: 1 Set. Detailed description See also: IRET TRAP Software interrupt TRAP mnem Affected condition flags VI1 H I0 N Z C TRAP -1-1- - - Addressing mode Asm cy lgth Op-code(s) ST7 Inherent TRAP 9 1 83 ✗ |