Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0044 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 24Page - STMicroelectronics PM0044 Datasheet HTML 25Page - STMicroelectronics PM0044 Datasheet HTML 26Page - STMicroelectronics PM0044 Datasheet HTML 27Page - STMicroelectronics PM0044 Datasheet HTML 28Page - STMicroelectronics PM0044 Datasheet HTML 29Page - STMicroelectronics PM0044 Datasheet HTML 30Page - STMicroelectronics PM0044 Datasheet HTML 31Page - STMicroelectronics PM0044 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 162 page
background image
Pipelined execution
PM0044
28/162
Doc ID 13590 Rev 3
register during the first execution cycle. As a result, in this cycle, the next instruction
(LD A,(X)) cannot be decoded since it reads the X register.
Table 12.
Example of stalled pipeline
Address
Instruction
Decode
cycles
Execute
cycles
lgth
Time (cycles)
1
234
7
8
9
10
11
12
13
14
0xC000
SUB SP, #20
1
1
2
F1
D
E
0xC002
LD A, #20
1
1
2
D
E
0xC004
BTJT 0x10, #5, to
1
2
5
F2
F3
D
E
E
0xC009
INC A
1
1
1
D
D
E
0xC00A
BTJF 0x20, #3, to
1
2
5
F1
D
E
E
0xC00F
NOP
X
X
1
0xC010
LDW X,[$5432.w]
X
X
4
F2
0xC014
LDW X,[$1234.w]
X
X
4
F3
0xD020
to: INCW Y
1
1
2
F1
D
E
0xD023
LD A,(X)
1
1
2
D
D
E
Table 13.
Legend
Symbol/Color
Definition
FFetch
D
Decode stalled
DDecode
EExecute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More