| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 162 page ![]() PM0044 Pipelined execution Doc ID 13590 Rev 3 25/162 Table 6. Optimized pipeline example - execution from Flash Add. Instruction Decod. cycles Exec. cycles lgth Cycle 12345 6 7 8 9 10 11 12 13 14 0xC000 NEG A 1 1 1 F1 D E 0xC001 XOR A, $10 1 1 2 D E 0xC003 LD A, #20 1 1 2 F2 D E 0xC005 SUB A,$1000 1 1 3 D E 0xC008 INC A 1 1 1 F3 D E 0xC009 LD XL, A 1 1 1 D E 0xC00A SRL A 1 1 1 D E 0xC00B SWAP A 1 1 1 D E 0xC00C SLA $15 1 1 2 F1 D E 0xC00E CP A,#$FE 1 1 2 D E 0xC010 MOV $100, #11 1 1 4 F2 D E 0xC014 MOV $101, #22 1 1 4 F3 D E Table 7. Legend Symbol/Color Definition FFetch DDecode EExecute |