| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 153 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 153 Page - STMicroelectronics |
|
153 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 153/162 Syntax SWAP dst e.g. SWAP counter Operation Description The destination byte upper and low nibbles are swapped over. The destination is either a memory byte or a register. This instruction is compact, and does not affect any register when used with RAM variables. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. Detailed description See also: SWAPW, RRC, RLC, SLL, SRL, SRA SWAP Swap nibbles SWAP mnem dst Affected condition flags VI1 H I0 N Z C SWAP Reg - - - - N Z - SWAP Mem - - - - N Z - dst Asm cy lgth Op-code(s) ST7 A SWAP A 1 1 4E ✗ shortmem SWAP $15 1 2 3E XX ✗ longmem SWAP $1505 1 4 72 5E MS LS (X) SWAP (X) 1 1 7E ✗ (shortoff,X) SWAPL ($15,X) 1 2 6E XX ✗ (longoff,X) SWAP ($1505,X) 1 4 72 4E MS LS (Y) SWAP (Y) 1 2 90 7E ✗ (shortoff,Y) SWAP ($15,Y) 1 3 90 6E XX ✗ (longoff,Y) SWAP ($1505,Y) 1 4 90 4E MS LS (shortoff,SP) SWAP ($15,SP) 1 2 0E XX ✗ [shortptr.w] SWAP [$15] 4 3 92 3E XX ✗ [longptr.w] SWAP [$1505].w 4 4 72 3E MS LS ([shortptr.w],X) SWAP ([$15],X) 4 3 92 6E XX ✗ ([longptr.w],X) SWAP ([$1505.w],X) 4 4 72 6E MS LS ([shortptr.w],Y) SWAP ([$15],Y) 4 3 91 6E XX ✗ |