| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 158 Page - STMicroelectronics |
|
158 / 162 page ![]() STM8 instruction set PM0044 158/162 Doc ID 13590 Rev 3 Syntax WFE Operation The CPU Clock is stopped till an external event occurs. Internal peripherals are still running. It is used for synchronization with other computing resources (e.g coprocessor). Description The state of the CPU is frozen, waiting for synchronization with an external event. The CPU clock also is stopped, reducing the power consumption of the microcontroller. Interrupt requests during this period are served normally, depending on the CC.I[1:0] value. Instruction overview Detailed description See also: HALT WFE Wait for Event (CPU stopped, low power mode) WFE mnem Affected condition flags VI1 H I0 N Z C WFE ------- Addressing mode Asm cy lgth Op-code(s) ST7 Inherent WFE 1 2 72 8F |