Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0044 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 41Page - STMicroelectronics PM0044 Datasheet HTML 42Page - STMicroelectronics PM0044 Datasheet HTML 43Page - STMicroelectronics PM0044 Datasheet HTML 44Page - STMicroelectronics PM0044 Datasheet HTML 45Page - STMicroelectronics PM0044 Datasheet HTML 46Page - STMicroelectronics PM0044 Datasheet HTML 47Page - STMicroelectronics PM0044 Datasheet HTML 48Page - STMicroelectronics PM0044 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
45/162
6.5
Indirect (Short Pointer Long, Long Pointer Long)
The data byte required for the operation is found by its memory address, located in memory
(pointer).
The pointer address follows the op-code. The indirect addressing mode is made of three
sub-modes:
Table 28.
Overview of Indirect addressing instructions
Addressing mode
Syntax
EA formula
Ptr Adr
Ptr
Size
Dest adr
Short Pointer Long Indirect
((shortptr.w))
((shortptr.w))
00..FF
Word
0000..FFFF
Long Pointer Long
Indirect
((longptr.w))
((longptr.w))
0000..FFFF Word
0000..FFFF
Table 29.
Available Long Pointer Long and Short Pointer Long Indirect Instructions
Instructions
Functions
LD, LDW
Load
CP
Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Addition/Subtraction operations
BCP
Bit Compare
CALL, JP
Call or Jump subroutine
Table 30.
Available Long Pointer Long Indirect Instructions
Instructions
Functions
CLR
Clear
TNZ
Test Negative or Zero
CPL, NEG
1’s or 2’s Complement
SLA, SLL, SRL, SRA, RLC, RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
INC, DEC
Increment/Decrement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More