| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 89 Page - STMicroelectronics |
|
89 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 89/162 Syntax CALLF dst e.g. CALLF label Operation PC = PC+lgth (SP--) = PCL (SP--) = PCH (SP--) = PCE PC = dst Description The current PC register value is pushed onto the stack, then PC is loaded with the destination address.This instruction is used with extended memory addresses. For safe memory usage, a function which crosses sections must be called by CALLF. Instruction overview Detailed description See also: RETF, CALL, JPF CALLF CALL Far Subroutine CALLF mnem dst Affected condition flags VI1 H I0 N Z C CALLF Mem - -- -- -- dst Asm cy lgth Op-code(s) ST7 extmem CALLF $35AA00 5 4 8D ExtB MS LS [longptr.e] CALLF [$2FFC.e] 8 4 92 8D MS LS |