Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0044 Fiches technique(PDF) 159 Page - STMicroelectronics

No de pièce PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Fiches technique(HTML) 159 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 154Page - STMicroelectronics PM0044 Datasheet HTML 155Page - STMicroelectronics PM0044 Datasheet HTML 156Page - STMicroelectronics PM0044 Datasheet HTML 157Page - STMicroelectronics PM0044 Datasheet HTML 158Page - STMicroelectronics PM0044 Datasheet HTML 159Page - STMicroelectronics PM0044 Datasheet HTML 160Page - STMicroelectronics PM0044 Datasheet HTML 161Page - STMicroelectronics PM0044 Datasheet HTML 162Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 159 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
159/162
Syntax
WFI
Operation
CC.I1= 1, CC.I0 = 0. The CPU Clock is stopped till an interrupt occurs.
Internal peripherals are still running.
Description
The interrupt flag is cleared, allowing interrupts to be fetched. Then the
CPU clock is stopped, reducing the power consumption of
the microcontroller. The micro will continue the program upon an internal or
external interrupt.
Instruction overview
I1: 1
Set.
I0: 0
Cleared.
Detailed description
See also: HALT
WFI
Wait for Interrupt
(CPU stopped,
low power mode)
WFI
mnem
Affected condition flags
VI1
H
I0
N
Z
C
WFI
-
1-0-
-
-
Addressing
mode
Asm
cy
lgth
Op-code(s)
ST7
Inherent
WFI
10
1
8F
✗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More