| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 154 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 154 Page - STMicroelectronics |
|
154 / 162 page ![]() STM8 instruction set PM0044 154/162 Doc ID 13590 Rev 3 Syntax SWAPW dst e.g. SWAPW Y Operation Description The destination index register upper and low bytes are swapped over. Instruction overview N ⇒ R15 Set if bit 15 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x0000), cleared otherwise. Detailed description See also: SWAP, RRC, RLC, SLL, SRL, SRA SWAPW Swap bytes SWAPW mnem dst Affected condition flags VI1 H I0 N Z C SWAP Reg - - - - N Z - dst Asm cy lgth Op-code(s) ST7 X SWAPW X 1 1 5E ✗ Y SWAPW Y 1 2 90 5E ✗ |