| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 155 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 155 Page - STMicroelectronics |
|
155 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 155/162 Syntax TNZ dst e.g. TNZ A Operation {N, Z} = Test(dst) Description The destination byte is tested and both N and Z flags of the Condition Code (CC) register are updated accordingly. This instruction is compact, and does not affect any register when used with RAM variables. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. Detailed description See also: TNZW, CP, BCP TNZ Test for Negative or Zero TNZ mnem dst Affected condition flags VI1 H I0 N Z C TNZ Reg -- -- N Z - TNZ Mem -- -- N Z - dst Asm cy lgth Op-code(s) ST7 ATNZ A 1 1 4D ✗ shortmem TNZ $15 1 2 3D XX ✗ longmem TNZ $1505 1 4 72 5D MS LS (X) TNZ (X) 1 1 7D ✗ (shortoff,X) TNZL ($15,X) 1 2 6D XX ✗ (longoff,X) TNZ ($1505,X) 1 4 72 4D MS LS (Y) TNZ (Y) 1 2 90 7D ✗ (shortoff,Y) TNZ ($15,Y) 1 3 90 6D XX ✗ (longoff,Y) TNZ ($1505,Y) 1 4 90 4D MS LS (shortoff,SP) TNZ ($15,SP) 1 2 0D XX ✗ [shortptr.w] TNZ [$15] 4 3 92 3D XX ✗ [longptr.w] TNZ [$1505].w 4 4 72 3D MS LS ([shortptr.w],X) TNZ ([$15],X) 4 3 92 6D XX ✗ ([longptr.w],X) TNZ ([$1505.w],X) 4 4 72 6D MS LS ([shortptr.w],Y) TNZ ([$15],Y) 4 3 91 6D XX ✗ |