| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 162 page ![]() PM0044 STM8 addressing modes Doc ID 13590 Rev 3 33/162 6.2 Immediate addressing mode The data byte required for the operation, follows the op-code. These are two byte instructions, one for the op-code and the other one for the immediate data byte. Example: 05BA AEFF LD X,#$FF 05BC A355 CP X,#$55 05BE A6F8 LD A,#$F8 Action: Load X = $FF Compare (X, $55) A = $F8 Table 19. Immediate addressing instructions Instructions Functions LD, MOV, LDW Load and move operation CP, CPW Compare BCP Bit Compare AND, OR, XOR Logical Operations ADC, ADD, SUB, SBC, ADDW, SUBW Arithmetic Operations PUSH Stack Operations |