| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 162 page ![]() PM0044 STM8 addressing modes Doc ID 13590 Rev 3 53/162 6.11 Long Pointer Indirect Extended Indexed addressing mode The pointer address is a word, the pointer size is an extended word, thus allowing 16-Mbyte addressing space, and requires 2 bytes after the op-code. Example: 1089 180000 ptr dc.b page(table), high(table), low(table) 180000 10203040 table dc.b $10,$20,$30,$40 1690 AE03 LD X,#3 1692 72A71089 LDF A,([longptr.e],X) X = 3 A = ([longptr.e],X) = ((longptr.e), X) = (($1089.e), 3) = ($180000,3) = ($180003) = $40 |