| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 150 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 150 Page - STMicroelectronics |
|
150 / 162 page ![]() STM8 instruction set PM0044 150/162 Doc ID 13590 Rev 3 Syntax SRLW dst e.g. SRLW X Operation Description The destination is an index register. It performs an unsigned division by 2. Instruction overview N ⇒ R15 Set if bit 15 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b0 Set if, before the shift, the LSB of the register was set, cleared otherwise. Detailed description See also: SRL, RLCW, RRCW, SRLW, SRAW, SWAPW, SLLW SRLW Shift Right Logical Word SRLW mnem dst Affected condition flags VI1 H I0 N Z C SRLW Reg - - - - N Z bit0 dst Asm cy lgth Op-code(s) ST7 XSRLW X 2 1 54 YSRLW Y 2 2 90 54 0b15 b0 C |