Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 104 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 104 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 100Page - Advanced Micro Devices AM186 Datasheet HTML 101Page - Advanced Micro Devices AM186 Datasheet HTML 102Page - Advanced Micro Devices AM186 Datasheet HTML 103Page - Advanced Micro Devices AM186 Datasheet HTML 104Page - Advanced Micro Devices AM186 Datasheet HTML 105Page - Advanced Micro Devices AM186 Datasheet HTML 106Page - Advanced Micro Devices AM186 Datasheet HTML 107Page - Advanced Micro Devices AM186 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
104
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
TQFP PHYSICAL DIMENSIONS
PQL 100, Trimmed and Formed
Thin Quad Flat Pack
1.00 REF.
1.60 MAX
11
° – 13°
11
° – 13°
0.50 BSC
100
1
1.35
1.45
15.80
16.20
13.80
14.20
15.80
16.20
13.80
14.20
0.17
0.27
16-038-PQT-2_AI
PQL100
9.3.96 lv
Notes:
1. All measurements are in millimeters, unless otherwise noted.
2. Not to scale; for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More