Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 23 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 23 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 19Page - Advanced Micro Devices AM186 Datasheet HTML 20Page - Advanced Micro Devices AM186 Datasheet HTML 21Page - Advanced Micro Devices AM186 Datasheet HTML 22Page - Advanced Micro Devices AM186 Datasheet HTML 23Page - Advanced Micro Devices AM186 Datasheet HTML 24Page - Advanced Micro Devices AM186 Datasheet HTML 25Page - Advanced Micro Devices AM186 Datasheet HTML 26Page - Advanced Micro Devices AM186 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
23
DRAF
T
PQFP PIN ASSIGNMENTS—Am186™ER MICROCONTROLLER
(Sorted by Pin Number)
Pin No.
Name
Pin No.
Name
Pin No.
Name
Pin No.
Name
1
SDEN1/PIO23
26
A13
51
MCS1/PIO15
76
DRQ1/PIO13
2
SDEN0/PIO22
27
A12
52
INT4/PIO30
77
DRQ0/PIO12
3
SCLK/PIO20
28
A11
53
INT3/INTA1/IRQ
78
AD0
4
BHE/ADEN
29
A10
54
INT2/INTA0/PIO31
79
AD8
5
WR
30
A9
55
INT1/SELECT
80
AD1
6
RD
31
A8
56
INT0
81
AD9
7
ALE
32
A7
57
UCS/ONCE1
82
AD2
8
ARDY
33
A6
58
LCS/ONCE0
83
AD10
9
S2
34
A5
59
PCS6/A2/PIO2
84
AD3
10
S1/IMDIS
35
A4
60
PCS5/A1/PIO3
85
AD11
11
S0/SREN
36
A3
61
VCC
86
AD4
12
GND
37
A2
62
PCS3/PIO19
87
AD12
13
X1
38
VCC
63
PCS2/PIO18
88
AD5
14
X2
39
A1
64
GND
89
GND
15
VCC
40
A0
65
PCS1/PIO17
90
AD13
16
CLKOUTA
41
GND
66
PCS0/PIO16
91
AD6
17
CLKOUTB
42
WHB
67
VCC
92
VCC
18
GND
43
WLB
68
MCS2/PIO24
93
AD14
19
A19/PIO9
44
HLDA
69
MCS3/RFSH/PIO25
94
AD7
20
A18/PIO8
45
HOLD
70
GND
95
AD15
21
VCC
46
SRDY/PIO6
71
RES
96
S6/CLKSEL1/PIO29
22
A17/PIO7
47
NMI
72
TMRIN1/PIO0
97
UZI/CLKSEL2/PIO26
23
A16
48
DT/R/PIO4
73
TMROUT1/PIO1
98
TXD/PIO27
24
A15
49
DEN/PIO5
74
TMROUT0/PIO10
99
RXD/PIO28
25
A14
50
MCS0/PIO14
75
TMRIN0/PIO11
100
SDATA/PIO21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More