| Moteur de recherche de fiches techniques de composants électroniques |
|
AM186 Fiches technique(PDF) 50 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186 Fiches technique(HTML) 50 Page - Advanced Micro Devices |
|
50 / 112 page ![]() 50 Am186TMER and Am188TMER Microcontrollers Data Sheet DRAF T Memory Maps There are several possible ways to configure the ad- dress space of the Am186ER and Am188ER microcon- trollers. Four of the most popular configurations are shown in Figure 12. Figure 12. Example Memory Maps External Flash (UCS) Internal RAM 0 Kbyte 32 Kbytes 512 Kbytes 1 Mbyte 512 Kbytes Flash 256 Kbytes Flash No External RAM External Flash (UCS) Internal RAM 0 Kbyte 32 Kbytes 768 Kbytes 1 Mbyte External RAM (MCS) Internal RAM at 0 32 Kbytes External RAM External Flash (UCS) Internal RAM 0 Kbyte 32 Kbytes 512 Kbytes 1 Mbyte 512 Kbytes Flash 256 Kbytes External RAM 256 Kbytes External RAM (MCS3–MCS0) Internal RAM at 0 External Flash (UCS) 0 Kbyte 768 Kbytes 1 Mbyte 512 Kbytes External RAM Internal RAM 544 Kbytes (LCS) 256 Kbytes Flash 512 Kbytes External RAM Internal RAM Located Above External RAM Shaded areas represent open memory that can be used by other chip selects and the PCB, if located in memory. |