Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 7 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 7 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 3Page - Advanced Micro Devices AM186 Datasheet HTML 4Page - Advanced Micro Devices AM186 Datasheet HTML 5Page - Advanced Micro Devices AM186 Datasheet HTML 6Page - Advanced Micro Devices AM186 Datasheet HTML 7Page - Advanced Micro Devices AM186 Datasheet HTML 8Page - Advanced Micro Devices AM186 Datasheet HTML 9Page - Advanced Micro Devices AM186 Datasheet HTML 10Page - Advanced Micro Devices AM186 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
7
DRAF
T
DRAF
T
Chip-Select Unit ......................................................................................................................... 49
Chip-Select Timing ......................................................................................................... 49
Ready and Wait-State Programming ............................................................................. 49
Memory Maps ................................................................................................................ 50
Chip-Select Overlap ....................................................................................................... 51
Upper Memory Chip Select ............................................................................................ 51
Low Memory Chip Select ............................................................................................... 51
Midrange Memory Chip Selects ..................................................................................... 51
Peripheral Chip Selects ................................................................................................. 52
Internal Memory ......................................................................................................................... 52
Interaction with External RAM ........................................................................................ 52
Emulator and Debug Modes .......................................................................................... 52
Refresh Control Unit .................................................................................................................. 53
Interrupt Control Unit ................................................................................................................. 53
Programming the Interrupt Control Unit ......................................................................... 53
Timer Control Unit ...................................................................................................................... 53
Watchdog Timer ........................................................................................................................ 54
Direct Memory Access ............................................................................................................... 54
DMA Operation .............................................................................................................. 55
Asynchronous Serial Port/DMA Transfers ..................................................................... 55
DMA Channel Control Registers .................................................................................... 55
DMA Priority ...................................................................................................................55
Asynchronous Serial Port .......................................................................................................... 56
DMA Transfers through the Serial Port .......................................................................... 56
Synchronous Serial Interface ..................................................................................................... 56
Four-Pin Interface .......................................................................................................... 57
Programmable I/O (PIO) Pins ....................................................................................................57
Low-Voltage Operation .............................................................................................................. 59
Low-Voltage Standard ................................................................................................... 59
Power Savings ............................................................................................................... 59
Input/Output Circuitry ..................................................................................................... 59
Absolute Maximum Ratings .......................................................................................................60
Operating Ranges ...................................................................................................................... 60
DC Characteristics Over Commercial and Industrial Operating Ranges ................................... 60
Thermal Characteristics ............................................................................................................. 61
TQFP Package .............................................................................................................. 61
Typical Ambient Temperatures ...................................................................................... 62
Commercial and Industrial Switching Characteristics and Waveforms ...................................... 67
Key to Switching Waveforms ......................................................................................... 67
Alphabetical Key to Switching Parameter Symbols ....................................................... 68
Numerical Key to Switching Parameter Symbols .......................................................... 69
Switching Characteristics over Commercial and Industrial Operating Ranges,
Read Cycle (25 MHz and 33 MHz) ................................................................................ 70
Switching Characteristics over Commercial and Industrial Operating Ranges,
Read Cycle (40 MHz and 50 MHz) ................................................................................ 71
Read Cycle Waveforms ................................................................................................. 72
Switching Characteristics over Commercial and Industrial Operating Ranges,
Write Cycle (25 MHz and 33 MHz) ................................................................................ 73
Switching Characteristics over Commercial and Industrial Operating Ranges,
Write Cycle (40 MHz and 50 MHz) ................................................................................ 74
Write Cycle Waveforms ................................................................................................. 75
Switching Characteristics over Commercial and Industrial Operating Ranges,
Internal RAM Show Read Cycle (25 MHz and 33 MHz) ................................................ 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More