Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 13 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 13 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 9Page - Advanced Micro Devices AM186 Datasheet HTML 10Page - Advanced Micro Devices AM186 Datasheet HTML 11Page - Advanced Micro Devices AM186 Datasheet HTML 12Page - Advanced Micro Devices AM186 Datasheet HTML 13Page - Advanced Micro Devices AM186 Datasheet HTML 14Page - Advanced Micro Devices AM186 Datasheet HTML 15Page - Advanced Micro Devices AM186 Datasheet HTML 16Page - Advanced Micro Devices AM186 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
13
DRAF
T
Related Documents
The following documents provide additional informa-
tion regarding the Am186ER and Am188ER microcon-
trollers.
n Am186ER and Am188ER Microcontrollers User’s
Manual, order #21684
n FusionE86SM Catalog, order #19255
n Making the Most of the Am186™ER or Am188™ER
Microcontroller Application Note, order #21046
n Using the 3.3-V Am186™ER or Am188™ER Micro-
controller in a 5-V System Application Note,
order #21045
n Comparing the Am186™EM and Am186ER Micro-
controllers Technical Bulletin (Available only at
www.amd.com/products/epd/techdocs.)
n The Advantages of Integrated RAM Technical Bul-
letin (Available only at www.amd.com/products/
epd/techdocs.)
A full description of the Am186ER and Am188ER mi-
crocontrollers’ registers and instructions is included in
the
Am186ER and Am188ER Microcontrollers User’s
Manual listed above.
To order literature, contact the nearest AMD sales of-
fice or call the literature center at one of the numbers
listed on the back cover of this manual. In addition, all
these documents are available in PDF form on the
AMD web site. To access the AMD home page, go to
www.amd.com. Then follow the Embedded Processor
link for information about E86 microcontrollers.
Demonstration Board Products
The SD186ER demonstration board product is a stand-
alone, low-cost evaluation platform for the Am186ER
microcontroller.
The SD186ER board demonstrates the basic proces-
sor functionality and features of the Am186ER micro-
controller and the simplicity of its system design. The
SD186ER demonstration board is designed with the
Am186/Am188 expansion interface that provides ac-
cess to the Am186ER microcontroller signals. The
104-pin expansion interface facilitates prototyping by
enabling the demonstration board to be used as the
minimal system core of a design. Contact your local
AMD sales office for more information on demonstra-
tion board availability and pricing.
Third-Party Development Support Products
The FusionE86 Program of Partnerships for Applica-
tion Solutions provides the customer with an array of
products designed to meet critical time-to-market
needs. Products and solutions available from the AMD
FusionE86 partners include protocol stacks, emulators,
hardware and software debuggers, board-level prod-
ucts, and software development tools, among others.
In addition, mature development tools and applications
for the x86 platform are widely available in the general
marketplace.
Customer Service
The AMD customer service network includes U.S. of-
fices, international offices, and a customer training cen-
ter. Expert technical assistance is available from the
AMD worldwide staff of field application engineers and
factory support staff to answer E86 and Comm86 fam-
ily hardware and software development questions.
Hotline and World Wide Web Support
For answers to technical questions, AMD provides
e-mail support as well as a toll-free number for direct
access to our corporate applications hotline.
Note: The support telephone numbers listed below
are subject to change. For current telephone numbers,
refer to www.amd.com/support/literature.
The AMD World Wide Web home page provides the
latest product information, including technical informa-
tion and data on upcoming product releases. In addi-
tion, EPD CodeKit software on the Web site provides
tested source code example applications.
Additional contact information is listed on the back of
this datasheet. For technical support questions on all
E86 and Comm86 products, send e-mail to epd.sup-
port@amd.com.
World Wide Web Home Page
To access the AMD home page go to: www.amd.com.
Then follow the Embedded Processors link for infor-
mation about E86 family and Comm86™ products.
Questions, requests, and input concerning AMD’s
WWW pages can be sent via e-mail to webmas-
ter@amd.com.
Documentation and Literature
Free information such as data books, user’s manuals,
data sheets, application notes, the <Italics>E86™
Family Products and Development Tools CD, order
#21058, and other literature is available with a simple
phone call. Internationally, contact your local AMD
sales office for product literature. Additional contact
information is listed on the back of this data sheet.
Corporate Applications Hotline
(800) 222-9323
Toll-free for U.S. and Canada
44-(0) 1276-803-299
U.K. and Europe hotline
Literature Ordering
(800) 222-9323
Toll-free for U.S. and Canada



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More