Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 103 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 103 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 99Page - Advanced Micro Devices AM186 Datasheet HTML 100Page - Advanced Micro Devices AM186 Datasheet HTML 101Page - Advanced Micro Devices AM186 Datasheet HTML 102Page - Advanced Micro Devices AM186 Datasheet HTML 103Page - Advanced Micro Devices AM186 Datasheet HTML 104Page - Advanced Micro Devices AM186 Datasheet HTML 105Page - Advanced Micro Devices AM186 Datasheet HTML 106Page - Advanced Micro Devices AM186 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
103
DRAF
T
Synchronous Serial Interface (SSI) Waveforms
Note:
SDATA is bidirectional and used for either transmit (TX) or receive (RX). Timing is shown separately for each case.
CLKOUTA
SDATA (RX)
SCLK
SDEN1 or SDEN0
DATA
72
78
71
75
77
SDATA (TX)
DATA
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More