Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 27 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 27 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 23Page - Advanced Micro Devices AM186 Datasheet HTML 24Page - Advanced Micro Devices AM186 Datasheet HTML 25Page - Advanced Micro Devices AM186 Datasheet HTML 26Page - Advanced Micro Devices AM186 Datasheet HTML 27Page - Advanced Micro Devices AM186 Datasheet HTML 28Page - Advanced Micro Devices AM186 Datasheet HTML 29Page - Advanced Micro Devices AM186 Datasheet HTML 30Page - Advanced Micro Devices AM186 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
27
DRAF
T
PQFP PIN ASSIGNMENTS—Am188™ER MICROCONTROLLER
(Sorted by Pin Name)
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
A0
40
AD5
88
GND
89
S1/IMDIS
10
A1
39
AD6
91
HLDA
44
S2
9
A2
37
AD7
94
HOLD
45
S6/CLKSEL1/PIO29
96
A3
36
ALE
7
INT0
56
SCLK/PIO20
3
A4
35
AO8
79
INT1/SELECT
55
SDATA/PIO21
100
A5
34
AO9
81
INT2/INTA0/PIO31
54
SDEN0/PIO22
2
A6
33
AO10
83
INT3/INTA1/IRQ
53
SDEN1/PIO23
1
A7
32
AO11
85
INT4/PIO30
52
SRDY/PIO6
46
A8
31
AO12
87
LCS/ONCE0
58
TMRIN0/PIO11
75
A9
30
AO13
90
MCS0/PIO14
50
TMRIN1/PIO0
72
A10
29
AO14
93
MCS1/PIO15
51
TMROUT0/PIO10
74
A11
28
AO15
95
MCS2/PIO24
68
TMROUT1/PIO1
73
A12
27
ARDY
8
MCS3/RFSH/PIO25
69
TXD/PIO27
98
A13
26
CLKOUTA
16
NMI
47
UCS/ONCE1
57
A14
25
CLKOUTB
17
PCS0/PIO16
66
UZI/CLKSEL2/PIO26
97
A15
24
DEN/PIO5
49
PCS1/PIO17
65
VCC
15
A16
23
DRQ0/PIO12
77
PCS2/PIO18
63
VCC
21
A17/PIO7
22
DRQ1/PIO13
76
PCS3/PIO19
62
VCC
38
A18/PIO8
20
DT/R/PIO4
48
PCS5/A1/PIO3
60
VCC
61
A19/PIO9
19
GND
12
PCS6/A2/PIO2
59
VCC
67
AD0
78
GND
18
RD
6
VCC
92
AD1
80
GND
41
RES
71
WB
43
AD2
82
GND
42
RFSH2/ADEN
4
WR
5
AD3
84
GND
64
RXD/PIO28
99
X1
13
AD4
86
GND
70
S0/SREN
11
X2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More