| Moteur de recherche de fiches techniques de composants électroniques |
|
AM186 Fiches technique(PDF) 29 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186 Fiches technique(HTML) 29 Page - Advanced Micro Devices |
|
29 / 112 page ![]() Am186TMER and Am188TMER Microcontrollers Data Sheet 29 DRAF T LOGIC SYMBOL—Am188™ER MICROCONTROLLER Notes: * These signals are the normal function of a pin that can be used as a PIO. See the pin descriptions beginning on page 30 and Table 3 on page 36 for information on shared function. ** All PIO signals are shared with other physical pins. X1 X2 CLKOUTA CLKOUTB AO15–AO8 AD7–AD0 S6/CLKSEL1 ALE RFSH2/ADEN RD WR HOLD HLDA DT/R DEN ARDY SRDY TMRIN0 TMROUT0 SDEN1–SDEN0 SCLK SDATA 8 8 Clocks Address and Address/Data Buses Bus Control Timer Control Synchronous Serial Port Control RES INT4 INT3/INTA1/IRQ INT2/INTA0 INT1/SELECT INT0 NMI PCS6/A2 PCS5/A1 PCS3–PCS0 LCS/ONCE0 MCS2–MCS0 UCS/ONCE1 DRQ1–DRQ0 TXD RXD PIO31–PIO0 4 32 shared Reset Control and Interrupt Service Memory and Peripheral Control DMA Control Asynchronous Serial Port Control Programmable I/O Control 2 UZI/CLKSEL2 TMRIN1 TMROUT1 3 2 MCS3/RFSH A19–A0 20 WB ** * * * * * * * * * * * * * * * * * * * * * * * S2 S1/IMDIS S0/SREN |