Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 80 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 80 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 76Page - Advanced Micro Devices AM186 Datasheet HTML 77Page - Advanced Micro Devices AM186 Datasheet HTML 78Page - Advanced Micro Devices AM186 Datasheet HTML 79Page - Advanced Micro Devices AM186 Datasheet HTML 80Page - Advanced Micro Devices AM186 Datasheet HTML 81Page - Advanced Micro Devices AM186 Datasheet HTML 82Page - Advanced Micro Devices AM186 Datasheet HTML 83Page - Advanced Micro Devices AM186 Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
80
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
PSRAM Read Cycle Waveforms
Data
CLKOUTA
t1
t2
t3
tW
LCS
Address
AD15–AD0*,
AD7–AD0**
RD
Address
A19–A0
S6
S6
ALE
1
2
5
7
8
9
11
24
25
26
27
68
66
28
10
S6
t4
81
84
t1
Address
80
80
27
AO15–AO8**
Address
Notes:
*
Am186ER microcontroller only
** Am188ER microcontroller only
59
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More