Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186 Fiches technique(PDF) 16 Page - Advanced Micro Devices

No de pièce AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Fiches technique(HTML) 16 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 12Page - Advanced Micro Devices AM186 Datasheet HTML 13Page - Advanced Micro Devices AM186 Datasheet HTML 14Page - Advanced Micro Devices AM186 Datasheet HTML 15Page - Advanced Micro Devices AM186 Datasheet HTML 16Page - Advanced Micro Devices AM186 Datasheet HTML 17Page - Advanced Micro Devices AM186 Datasheet HTML 18Page - Advanced Micro Devices AM186 Datasheet HTML 19Page - Advanced Micro Devices AM186 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
16
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
TQFP CONNECTION DIAGRAM AND PINOUTS—Am186™ER MICROCONTROLLER
Top Side View—100-Pin Thin Quad Flat Pack (TQFP)
Notes:
Pin 1 is marked for orientation.
AD0
1
AD8
2
AD1
3
AD9
4
AD2
5
AD10
6
AD3
7
AD11
8
AD4
9
AD12
10
AD5
11
12
AD13
13
AD6
14
15
AD14
16
AD7
17
AD15
18
19
20
TXD
21
RXD
22
SDATA
23
SDEN1
24
SDEN0
25
VCC
75
INT4
74
73
72
71
70
NMI
69
SRDY
68
HOLD
67
HLDA
66
65
64
63
A0
62
A1
61
60
A2
59
A3
58
A4
57
A5
56
A6
55
A7
54
A8
53
A9
52
A10
51
A11
VCC
GND
GND
WHB
WLB
DT/R
DEN
MCS0
MCS1
S6/CLKSEL1
UZI/CLKSEL2
Am186ER Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More