Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C56LP Fiches technique(PDF) 26 Page - Cypress Semiconductor

No de pièce CY8C56LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP Fiches technique(HTML) 26 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 22Page - Cypress Semiconductor CY8C56LP Datasheet HTML 23Page - Cypress Semiconductor CY8C56LP Datasheet HTML 24Page - Cypress Semiconductor CY8C56LP Datasheet HTML 25Page - Cypress Semiconductor CY8C56LP Datasheet HTML 26Page - Cypress Semiconductor CY8C56LP Datasheet HTML 27Page - Cypress Semiconductor CY8C56LP Datasheet HTML 28Page - Cypress Semiconductor CY8C56LP Datasheet HTML 29Page - Cypress Semiconductor CY8C56LP Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 26 of 120
Figure 6-5. Power Mode Transitions
6.2.1.1
Active Mode
Active mode is the primary operating mode of the device. When
in active mode, the active configuration template bits control
which available resources are enabled or disabled. When a
resource is disabled, the digital clocks are gated, analog bias
currents are disabled, and leakage currents are reduced as
appropriate. User firmware can dynamically control subsystem
power by setting and clearing bits in the active configuration
template. The CPU can disable itself, in which case the CPU is
automatically reenabled at the next wakeup event.
When a wakeup event occurs, the global mode is always
returned to active, and the CPU is automatically enabled,
regardless of its template settings. Active mode is the default
global power mode upon boot.
6.2.1.2
Alternate Active Mode
Alternate Active mode is very similar to Active mode. In alternate
active mode, fewer subsystems are enabled, to reduce power
consumption. One possible configuration is to turn off the CPU
and flash, and run peripherals at full speed.
6.2.1.3
Sleep Mode
Sleep mode reduces power consumption when a resume time of
15 µs is acceptable. The wake time is used to ensure that the
regulator outputs are stable enough to directly enter active
mode.
6.2.1.4
Hibernate Mode
In hibernate mode nearly all of the internal functions are
disabled. Internal voltages are reduced to the minimal level to
keep vital systems alive. Configuration state is preserved in
hibernate mode and SRAM memory is retained. GPIOs
configured as digital outputs maintain their previous values and
external GPIO pin interrupt settings are preserved. The device
can only return from hibernate mode in response to an external
I/O interrupt. The resume time from hibernate mode is less than
100 µs.
To achieve an extremely low current, the hibernate regulator has
limited capacity. This limits the frequency of any signal present
on the input pins; no GPIO should toggle at a rate greater than
10 kHz while in hibernate mode. If pins must be toggled at a high
rate while in a low power mode, use sleep mode instead.
6.2.1.5
Wakeup Events
Wakeup events are configurable and can come from an interrupt
or device reset. A wakeup event restores the system to active
mode. Firmware enabled interrupt sources include internally
generated interrupts, power supervisor, central timewheel, and
I/O interrupts. Internal interrupt sources can come from a variety
of peripherals, such as analog comparators and UDBs. The
central timewheel provides periodic interrupts to allow the
system to wake up, poll peripherals, or perform real-time
functions. Reset event sources include the external reset I/O pin
(XRES), WDT, and Precision Reset (PRES).
6.2.2 Boost Converter
Applications that use a supply voltage of less than 1.71 V, such
as single cell battery supplies, may use the on-chip boost
converter. The boost converter may also be used in any system
that requires a higher operating voltage than the supply provides.
For instance, this includes driving 5.0 V LCD glass in a 3.3 V
system. The boost converter accepts an input voltage as low as
0.5 V. With one low cost inductor it produces a selectable output
voltage sourcing enough current to operate the PSoC and other
on-board components.
The boost converter accepts an input voltage VBAT from 0.5 V
to 3.6 V, and can start up with VBAT as low as 0.5 V. The
converter provides a user configurable output voltage of 1.8 to
5.0 V (VBOOST). VBAT is typically less than VBOOST; if VBAT
is greater than or equal to VBOOST, then VBOOST will be the
same as VBAT. The block can deliver up to 75 mA (IBOOST)
depending on configuration.
Four pins are associated with the boost converter: VBAT, VSSB,
VBOOST, and Ind. The boosted output voltage is sensed at the
VBOOST pin and must be connected directly to the chip’s supply
inputs. An inductor is connected between the VBAT and Ind pins.
You can optimize the inductor value to increase the boost
converter efficiency based on input voltage, output voltage,
current and switching frequency.
Figure 6-6. Application for Boost Converter
Active
Manual
Hibernate
Alternate
Active
Sleep
PSoC
VBOOST
IND
VBAT
VSSB
VSSD
VDDA
VDDD
VSSA
22 µF 0.1 µF
22 µF
10 µH
Schottky diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com