Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C56LP Fiches technique(PDF) 42 Page - Cypress Semiconductor

No de pièce CY8C56LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP Fiches technique(HTML) 42 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 38Page - Cypress Semiconductor CY8C56LP Datasheet HTML 39Page - Cypress Semiconductor CY8C56LP Datasheet HTML 40Page - Cypress Semiconductor CY8C56LP Datasheet HTML 41Page - Cypress Semiconductor CY8C56LP Datasheet HTML 42Page - Cypress Semiconductor CY8C56LP Datasheet HTML 43Page - Cypress Semiconductor CY8C56LP Datasheet HTML 44Page - Cypress Semiconductor CY8C56LP Datasheet HTML 45Page - Cypress Semiconductor CY8C56LP Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 42 of 120
7.4.1 I/O Port Routing
There are a total of 20 DSI routes to a typical 8-bit I/O port, 16
for data and four for drive strength control.
When an I/O pin is connected to the routing, there are two
primary connections available, an input and an output. In
conjunction with drive strength control, this can implement a
bidirectional I/O pin. A data output signal has the option to be
single synchronized (pipelined) and a data input signal has the
option to be double synchronized. The synchronization clock is
the system clock (see Figure 6-1). Normally all inputs from pins
are synchronized as this is required if the CPU interacts with the
signal or any signal derived from it. Asynchronous inputs have
rare uses. An example of this is a feed through of combinational
PLD logic from input pins to output pins.
Figure 7-11. I/O Pin Synchronization Routing
Figure 7-12. I/O Pin Output Connectivity
There are four more DSI connections to a given I/O port to
implement dynamic output enable control of pins. This
connectivity gives a range of options, from fully ganged 8-bits
controlled by one signal, to up to four individually controlled pins.
The output enable signal is useful for creating tri-state
bidirectional pins and buses.
Figure 7-13. I/O Pin Output Enable Connectivity
7.5 CAN
The CAN peripheral is a fully functional Controller Area Network
(CAN) supporting communication baud rates up to 1 Mbps. The
CAN controller implements the CAN2.0A and CAN2.0B
specifications as defined in the Bosch specification and
conforms to the ISO-11898-1 standard. The CAN protocol was
originally designed for automotive applications with a focus on a
high level of fault detection. This ensures high communication
reliability at a low cost. Because of its success in automotive
applications, CAN is used as a standard communication protocol
for motion oriented machine control networks (CANOpen) and
factory automation applications (DeviceNet). The CAN controller
features allow the efficient implementation of higher level
protocols without affecting the performance of the
microcontroller CPU. Full configuration support is provided in
PSoC Creator.
DO
DI
Port i
PIN 0
DO
PIN1
DO
PIN2
DO
PIN3
DO
PIN4
DO
PIN5
DO
PIN6
DO
PIN7
DO
8 IO Data Output Connections from the
UDB Array Digital System Interface
Port i
PIN 0
OE
PIN1
OE
PIN2
OE
PIN3
OE
PIN4
OE
PIN5
OE
PIN6
OE
PIN7
OE
4 IO Control Signal Connections from
UDB Array Digital System Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com