Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C56LP Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce CY8C56LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 3Page - Cypress Semiconductor CY8C56LP Datasheet HTML 4Page - Cypress Semiconductor CY8C56LP Datasheet HTML 5Page - Cypress Semiconductor CY8C56LP Datasheet HTML 6Page - Cypress Semiconductor CY8C56LP Datasheet HTML 7Page - Cypress Semiconductor CY8C56LP Datasheet HTML 8Page - Cypress Semiconductor CY8C56LP Datasheet HTML 9Page - Cypress Semiconductor CY8C56LP Datasheet HTML 10Page - Cypress Semiconductor CY8C56LP Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 7 of 120
Figure 2-4. 100-pin TQFP Part Pinout
Figure 2-5 and Figure 2-6 on page 8 show an example schematic and an example PCB layout, for the 100-pin TQFP part, for optimal
analog performance on a 2-layer board.
The two pins labeled VDDD must be connected together.
The two pins labeled VCCD must be connected together, with capacitance added, as shown in Figure 2-5 on page 8 and Power
System on page 24. The trace between the two VCCD pins should be as short as possible.
The two pins labeled VSSD must be connected together.
For information on circuit board layout issues for mixed signals, refer to the application note AN57821 - Mixed Signal Circuit Board
Layout Considerations for PSoC® 3 and PSoC 5.
TQFP
(TRACEDATA[1] , GPIO)P2[5]
(TRACEDATA[2] , GPIO)P2[6]
(TRACEDATA[3] , GPIO)P2[7]
(I2C0 : SCL, SIO )P12[4]
(I2C0 : SDA, SIO )P12[5]
(GPIO)P6[4]
(GPIO)P6[5]
(GPIO)P6[6]
(GPIO)P6[7]
VSSB
IND
VBOOST
VBAT
VSSD
XRES
(GPIO)P5[0]
(GPIO)P5[1]
(GPIO)P5[2]
(GPIO)P5[3]
( TMS, SWDIO, GPIO)P1[0]
( TCK, SWDCK, GPIO)P1[1]
(Configurable XRES , GPIO)P1[2]
( TDO, SWV, GPIO)P1[3]
(TDI, GPIO)P1[4]
(NTRST, GPIO)P1[5]
VDDIO0
P0[3] ( GPIO,OPAMP0-/EXTREF0)
P0[2] ( GPIO, OPAMP 0+/SAR1 EXTREF)
P0[1] ( GPIO, OPAMP
0
OUT )
P0[0] ( GPIO, OPAMP
2
OUT )
P4[1] ( GPIO)
P4[0] ( GPIO)
P12[3] ( SIO)
P12[2] ( SIO)
VSSD
VDDA
VSSA
VCCA
NC
NC
NC
NC
NC
NC
P15[3] ( GPIO, KHZ XTAL:XI)
P15[2] ( GPIO, KHZ XTAL:XO)
P12[1] ( SIO,I2C1 : SDA)
P12[0] ( SIO,I2C1 : SCL)
P3[7] ( GPIO, OPAMP
3
OUT )
P3[6] ( GPIO, OPAMP
1
OUT )
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
3
4
5
6
7
8
9
Lines show VDDIO
I/O Supply Association
Note
7. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More