Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C56LP Fiches technique(PDF) 72 Page - Cypress Semiconductor

No de pièce CY8C56LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP Fiches technique(HTML) 72 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 68Page - Cypress Semiconductor CY8C56LP Datasheet HTML 69Page - Cypress Semiconductor CY8C56LP Datasheet HTML 70Page - Cypress Semiconductor CY8C56LP Datasheet HTML 71Page - Cypress Semiconductor CY8C56LP Datasheet HTML 72Page - Cypress Semiconductor CY8C56LP Datasheet HTML 73Page - Cypress Semiconductor CY8C56LP Datasheet HTML 74Page - Cypress Semiconductor CY8C56LP Datasheet HTML 75Page - Cypress Semiconductor CY8C56LP Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 72 of 120
Figure 11-11. SIO Output HighVoltage and Current,
Unregulated Mode
Figure 11-12. SIO Output Low Voltage and Current,
Unregulated Mode
Figure 11-13. SIO Output High Voltage and Current, Regulat-
ed Mode
Note
34. Based on device characterization (Not production tested).
Table 11-12. SIO AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TriseF
Rise time in Fast Strong Mode
(90/10%)[34]
Cload = 25 pF, VDDIO = 3.3 V
12
ns
TfallF
Fall time in Fast Strong Mode
(90/10%)[34]
Cload = 25 pF, VDDIO = 3.3 V
12
ns
TriseS
Rise time in Slow Strong Mode
(90/10%)[34]
Cload = 25 pF, VDDIO = 3.0 V
75
ns
TfallS
Fall time in Slow Strong Mode
(90/10%)[34]
Cload = 25 pF, VDDIO = 3.0 V
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com