Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C56LP Fiches technique(PDF) 94 Page - Cypress Semiconductor

No de pièce CY8C56LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP Fiches technique(HTML) 94 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 90Page - Cypress Semiconductor CY8C56LP Datasheet HTML 91Page - Cypress Semiconductor CY8C56LP Datasheet HTML 92Page - Cypress Semiconductor CY8C56LP Datasheet HTML 93Page - Cypress Semiconductor CY8C56LP Datasheet HTML 94Page - Cypress Semiconductor CY8C56LP Datasheet HTML 95Page - Cypress Semiconductor CY8C56LP Datasheet HTML 96Page - Cypress Semiconductor CY8C56LP Datasheet HTML 97Page - Cypress Semiconductor CY8C56LP Datasheet HTML 98Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 94 of 120
11.5.8 Mixer
The mixer is created using a SC/CT analog block; see the Mixer component datasheet in PSoC Creator for full electrical specifications
and APIs.
11.5.9 Transimpedance Amplifier
The TIA is created using a SC/CT analog block; see the TIA component datasheet in PSoC Creator for full electrical specifications
and APIs.
Table 11-34. Mixer DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VOS
Input offset voltage
High power mode, VIN = 1.024 V,
VREF = 1.024 V
––
15
mV
Quiescent current
0.9
2
mA
G
Gain
0
dB
Table 11-35. Mixer AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
fLO
Local oscillator frequency
Down mixer mode
4
MHz
fin
Input signal frequency
Down mixer mode
14
MHz
fLO
Local oscillator frequency
Up mixer mode
1
MHz
fin
Input signal frequency
Up mixer mode
1
MHz
SR
Slew rate
3
V/µs
Table 11-36. Transimpedance Amplifier (TIA) DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIOFF
Input offset voltage
10
mV
Rconv
Conversion resistance[50]
R = 20K; 40 pF load
–25
+35
%
R = 30K; 40 pF load
–25
+35
%
R = 40K; 40 pF load
–25
+35
%
R = 80K; 40 pF load
–25
+35
%
R = 120K; 40 pF load
–25
+35
%
R = 250K; 40 pF load
–25
+35
%
R= 500K; 40 pF load
–25
+35
%
R = 1M; 40 pF load
–25
+35
%
Quiescent current
1.1
2
mA
Table 11-37. Transimpedance Amplifier (TIA) AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
BW
Input bandwidth (–3 dB)
R = 20K; –40 pF load
1200
kHz
R = 120K; –40 pF load
240
kHz
R = 1M; –40 pF load
25
kHz
Notes
50. Conversion resistance values are not calibrated. Calibrated values and details about calibration are provided in PSoC Creator component datasheets. External precision
resistors can also be used.
51. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com