| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR300 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR300 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 83 page ![]() PL_GPIO_73/A17 0 A7 CLD7 G8_7 (out) CLD7 0 CLD7 A7 A7 Reserved CLD7 Reserved CLD7 PL_GPIO_72/B16 0 A8 CLD8 IT0 CLD8 IT0 CLD8 IT0 IT0 Reserved CLD8 Reserved CLD8 PL_GPIO_71/D14 0 A9 CLD9 IT1 CLD9 IT1 CLD9 IT1 IT1 Reserved CLD9 Reserved CLD9 PL_GPIO_70/C15 0 A10 CLD10 IT2 CLD10 IT2 CLD10 IT2 IT2 Reserved CLD10 Reserved CLD10 PL_GPIO_69/A16 0 A11 CLD11 IT3 CLD11 IT3 CLD11 IT3 IT3 Reserved CLD11 Reserved CLD11 PL_GPIO_68/B15 0 A12 CLD12 IT4 CLD12 IT4 CLD12 IT4 IT4 Reserved CLD12 Reserved CLD12 PL_GPIO_67/C14 0 A13 CLD13 IT5 CLD13 IT5 CLD13 IT5 IT5 Reserved CLD13 Reserved CLD13 PL_GPIO_66/E13 0 A14 CLD14 IT6 CLD14 IT6 CLD14 IT6 IT6 Reserved CLD14 Reserved CLD14 PL_GPIO_65/B14 0 A15 CLD15 IT7 CLD15 IT7 CLD15 IT7 IT7 Reserved CLD15 Reserved CLD15 PL_GPIO_64/D13 0 A16 CLD16 SPI_I2C4 CLD16 SPI_I2C4 CLD16 SPI_I2C4 SPI_I2C4 Reserved CLD16 Reserved CLD16 PL_GPIO_63/C13 0 A17 CLD17 SPI_I2C5 CLD17 SPI_I2C5 CLD17 SPI_I2C5 SPI_I2C5 Reserved CLD17 Reserved CLD17 PL_GPIO_62/A15 0 A18 CLD18 SPI_I2C6 CLD18 SPI_I2C6 CLD18 SPI_I2C6 SPI_I2C6 Reserved CLD18 Reserved CLD18 PL_GPIO_61/E12 0 A19 CLD19 SPI_I2C7 CLD19 SPI_I2C7 CLD19 SPI_I2C7 /DOUT SPI_I2C7 /DOUT Reserved CLD19 Reserved CLD19 PL_GPIO_60/A14 0 A20 CLD20 TDM_ SYNC4 CLD20 TDM_ SYNC4 CLD20 TDM_ SYNC4 TDM_ SYNC4 Reserved CLD20 Reserved CLD20 PL_GPIO_59/B13 0 A21 CLD21 TDM_ SYNC5 CLD21 TDM_ SYNC5 CLD21 TDM_ SYNC5 TDM_ SYNC5 Reserved CLD21 Reserved CLD21 PL_GPIO_58/D12 CL A22 CL TDM_ SYNC6 CLD22 TDM_ SYNC6 CLD22 TDM_ SYNC6 CL Reserved CLD22 Reserved CLD22 PL_GPIO_57/E11 AL A23 AL TDM_ SYNC7 CLD23 TDM_ SYNC7 CLD23 TDM_ SYNC7 AL Reserved CLD23 Reserved CLD23 PL_GPIO_56/C12 /W /W /W ROW7 ROW7 ROW7 ROW7 /W /W ROW7 VSYNC_1 VSYNC_1 ROW7 PL_GPIO_55/A13 /R /G /R ROW8 ROW8 ROW8 ROW8 /R /R ROW8 HSYNC_1 HSYNC_1 ROW8 PL_GPIO_54/E10 0 0 CLAC G10_9 CLAC G10_9 CLAC G10_9 G10_9 G10_9 CLAC G10_9 CLAC PL_GPIO_53/D11 0 0 CLCP G10_8 CLCP G10_8 CLCP G10_8 G10_8 G10_8 CLCP G10_8 CLCP PL_GPIO_52/B12 0 0 CLFP G10_7 CLFP G10_7 CLFP G10_7 G10_7 G10_7 CLFP G10_7 CLFP Table 11. PL_GPIO multiplexing scheme (continued) PL_GPIO_# / ball number Configuration mode (enabled by RAS register 2) Alternate function (enabled by RAS register 1) 1 2 3 4 5 6789 10 11 12 13 |