Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR300 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 30Page - STMicroelectronics SPEAR300 Datasheet HTML 31Page - STMicroelectronics SPEAR300 Datasheet HTML 32Page - STMicroelectronics SPEAR300 Datasheet HTML 33Page - STMicroelectronics SPEAR300 Datasheet HTML 34Page - STMicroelectronics SPEAR300 Datasheet HTML 35Page - STMicroelectronics SPEAR300 Datasheet HTML 36Page - STMicroelectronics SPEAR300 Datasheet HTML 37Page - STMicroelectronics SPEAR300 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
Pin description
SPEAr300
34/83
Doc ID 16324 Rev 2
DDR
DDR_CS_0
P9
Output
Chip Select
SSTL_2/SSTL_18
DDR_CS_1
R9
DDR_ODT_0
T3
I/O
On-Die
Termination
Enable lines
DDR_ODT_1
T4
DDR_DATA_0
P11
I/O
Data Lines
(Lower byte)
DDR_DATA_1
R11
DDR_DATA_2
T11
DDR_DATA_3
U11
DDR_DATA_4
T12
DDR_DATA_5
R12
DDR_DATA_6
P12
DDR_DATA_7
P13
DDR_DQS_0
U10
Output
Lower Data
Strobe
Differential
SSTL_2/SSTL_18
DDR_nDQS_0
T10
DDR_DM_0
U12
Output
Lower Data Mask
SSTL_2/SSTL_18
DDR_GATE_0
R10
I/O
Lower Gate Open
DDR_DATA_8
T17
I/O
Data Lines
(Upper byte)
DDR_DATA_9
T16
DDR_DATA_10
U17
DDR_DATA_11
U16
DDR_DATA_12
U14
DDR_DATA_13
U13
DDR_DATA_14
T13
DDR_DATA_15
R13
DDR_DQS_1
U15
I/O
Upper Data
Strobe
Differential
SSTL_2/SSTL_18
DDR_nDQS_1
T15
DDR_DM_1
T14
I/O
Upper Data Mask
SSTL_2/SSTL_18
DDR_GATE_1
R14
Upper Gate Open
DDR_VREF
P10
Input
Reference Voltage
Analog
DDR_MEM_COM
P_GND
R4
Power
Return for Ext.
Resistors
Power
DDR_MEM_COM
P_REXT
P4
Power
Ext. Resistor
Analog
DDR2_EN
J13
Input
Configuration
TTL Input Buffer
3.3 V Tolerant, PU
Table 8.
DDR pin description (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83