Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR300 Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 67Page - STMicroelectronics SPEAR300 Datasheet HTML 68Page - STMicroelectronics SPEAR300 Datasheet HTML 69Page - STMicroelectronics SPEAR300 Datasheet HTML 70Page - STMicroelectronics SPEAR300 Datasheet HTML 71Page - STMicroelectronics SPEAR300 Datasheet HTML 72Page - STMicroelectronics SPEAR300 Datasheet HTML 73Page - STMicroelectronics SPEAR300 Datasheet HTML 74Page - STMicroelectronics SPEAR300 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 83 page
background image
SPEAr300
Timing requirements
Doc ID 16324 Rev 2
71/83
Figure 36.
Paths from MDC/MDIO pads
Note:
When MDIO is used as output the data are launched on the falling edge of the clock as
shown in Figure 35.
Table 38.
MDC/MDIO timing
Parameter
Value
Frequency
tCLK period
614.4 ns
1.63 MHz
tCLK fall (tf)
1.18 ns
tCLK rise (tr)
1.14 ns
Output
tmax = ~tCLK /2
307 ns
tmin = ~tCLK /2
307 ns
Input
tSETUPmax = t1max - t3min
6.88 ns
tHOLDmin = t1min - t3max
-1.54 ns
Q
Q
SET
CLR
D
t2
t3
CLK
MDIO
t1
Q
Q SET
CLR
D
MDC
INPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83