Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR300 Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 70Page - STMicroelectronics SPEAR300 Datasheet HTML 71Page - STMicroelectronics SPEAR300 Datasheet HTML 72Page - STMicroelectronics SPEAR300 Datasheet HTML 73Page - STMicroelectronics SPEAR300 Datasheet HTML 74Page - STMicroelectronics SPEAR300 Datasheet HTML 75Page - STMicroelectronics SPEAR300 Datasheet HTML 76Page - STMicroelectronics SPEAR300 Datasheet HTML 77Page - STMicroelectronics SPEAR300 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
Timing requirements
SPEAr300
74/83
Doc ID 16324 Rev 2
Figure 41.
SMICSn rise timings
Table 42.
SMICSn rise timings
Signal
Parameter
Value
SMI_CSn rise
tdelay_max
tarrivalSMICSn_max_rise - tarrival_SMI_CLK_min_fall
tdelay_min
tarrivalSMICSn_min_rise - tarrival_SMI_CLK_max_fall
Table 43.
Timing requirements for SMI
Parameter
Input setup-hold/output delay
Max
Min
Unit
SMI_CLK
Fall time
1.82
1.40
ns
Rise time
1.63
1.19
SMIDATAIN
Input setup time
8.27
Input hold time
-2.59
SMIDATAOUT Output valid time
2.03
SMICS_0 Output
valid time
fall
1.92
rise
1.69
SMICS_1Output
valid time
fall
1.78
rise
1.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83