| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR300 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR300 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 83 page ![]() Table 11. PL_GPIO multiplexing scheme PL_GPIO_# / ball number Configuration mode (enabled by RAS register 2) Alternate function (enabled by RAS register 1) 1 2 3 4 5 6789 10 11 12 13 PL_GPIO_97/H16 /E1 /E1 /E1 1 111 /E1 /E1 1111 PL_GPIO_96/H15 D0 DQ0 D0 COL0 COL0 COL0 COL0 D0 D0 COL0 COL0 COL0 COL0 PL_GPIO_95/H14 D1 DQ1 D1 COL1 COL1 COL1 COL1 D1 D1 COL1 COL1 COL1 COL1 PL_GPIO_94/H13 D2 DQ2 D2 COL2 COL2 COL2 COL2 D2 D2 COL2 COL2 COL2 COL2 PL_GPIO_93/G17 D3 DQ3 D3 COL3 COL3 COL3 COL3 D3 D3 COL3 COL3 COL3 COL3 PL_GPIO_92/G16 D4 DQ4 D4 COL4 COL4 COL4 COL4 D4 D4 COL4 COL4 COL4 COL4 PL_GPIO_91/G15 D5 DQ5 D5 COL5 COL5 COL5 COL5 D5 D5 COL5 DIO0_1 DIO0_1 COL5 PL_GPIO_90/G14 D6 DQ6 D6 COL6 COL6 COL6 COL6 D6 D6 COL6 DIO1_1 DIO1_1 COL6 PL_GPIO_89/F17 D7 DQ7 D7 COL7 COL7 COL7 COL7 D7 D7 COL7 DIO2_1 DIO2_1 COL7 PL_GPIO_88/F16 D8 DQ8 D8 COL8 COL8 COL8 COL8 G8_0 G8_0 COL8 DIO3_1 DIO3_1 COL8 PL_GPIO_87/G13 D9 DQ9 D9 ROW0 ROW0 ROW0 ROW0 G8_1 G8_1 ROW0 ROW0 ROW0 ROW0 PL_GPIO_86/E17 D10 DQ10 D10 ROW1 ROW1 ROW1 ROW1 G8_2 G8_2 ROW1 ROW1 ROW1 ROW1 PL_GPIO_85/F15 D11 DQ11 D11 ROW2 ROW2 ROW2 ROW2 G8_3 G8_3 ROW2 ROW2 ROW2 ROW2 PL_GPIO_84/D17 D12 DQ12 D12 ROW3 ROW3 ROW3 ROW3 G8_4 G8_4 ROW3 ROW3 ROW3 ROW3 PL_GPIO_83/E16 D13 DQ13 D13 ROW4 ROW4 ROW4 ROW4 G8_5 G8_5 ROW4 ROW4 ROW4 ROW4 PL_GPIO_82/E15 D14 DQ14 D14 ROW5 ROW5 ROW5 ROW5 G8_6 G8_6 ROW5 ROW5 ROW5 ROW5 PL_GPIO_81/C17 D15 DQ15 A-1 D15 ROW6 ROW6 ROW6 ROW6 G8_7 G8_7 ROW6 ROW6 ROW6 ROW6 PL_GPIO_80/D16 0 A0 CLD0 G8_0 (out) CLD0 0 CLD0 A0 A0 Reserved CLD0 Reserved CLD0 PL_GPIO_79/F14 0 A1 CLD1 G8_1 (out) CLD1 0 CLD1 A1 A1 Reserved CLD1 Reserved CLD1 PL_GPIO_78/D15 0 A2 CLD2 G8_2 (out) CLD2 0 CLD2 A2 A2 Reserved CLD2 Reserved CLD2 PL_GPIO_77/B17 0 A3 CLD3 G8_3 (out) CLD3 0 CLD3 A3 A3 Reserved CLD3 Reserved CLD3 PL_GPIO_76/F13 0 A4 CLD4 G8_4(out) CLD4 0 CLD4 A4 A4 Reserved CLD4 Reserved CLD4 PL_GPIO_75/E14 0 A5 CLD5 G8_5 (out) CLD5 0 CLD5 A5 A5 Reserved CLD5 Reserved CLD5 PL_GPIO_74/C16 0 A6 CLD6 G8_6 (out) CLD6 0 CLD6 A6 A6 Reserved CLD6 Reserved CLD6 |