Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 153 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 153 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 149Page - STMicroelectronics STA321 Datasheet HTML 150Page - STMicroelectronics STA321 Datasheet HTML 151Page - STMicroelectronics STA321 Datasheet HTML 152Page - STMicroelectronics STA321 Datasheet HTML 153Page - STMicroelectronics STA321 Datasheet HTML 154Page - STMicroelectronics STA321 Datasheet HTML 155Page - STMicroelectronics STA321 Datasheet HTML 156Page - STMicroelectronics STA321 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 153 / 157 page
background image
STA321
Package mechanical data
Doc ID 15351 Rev 3
153/157
Table 36.
LQFP-64L EPD dimensions
Symbol
Dimensions in mm
Dimensions in inches
Notes
Min
Typ
Max
Min
Typ
Max
A
--1.60
--0.063
-
A1
0.05
-
0.15
0.002
-
0.006
-
A2
1.35
1.40
1.45
0.053
0.055
0.057
-
b
0.17
0.22
0.27
0.007
0.009
0.011
-
c
0.09
-
0.20
0.004
-
0.008
-
D
11.80
12.00
12.20
0.465
0.472
0.480
-
D1
9.80
10.00
10.20
0.386
0.394
0.402
-
D3
-7.50
-
-0.295
--
E
11.80
12.00
12.20
0.465
0.472
0.480
-
E1
9.80
10.00
10.20
0.386
0.394
0.402
-
E3
-7.50
-
-0.295
--
e
-
0.50
-
-
0.020
-
-
H
-
5.89
-
-
0.232
-
-
L
0.45
0.60
0.75
0.018
0.024
0.030
-
L1
-1.00
-
-0.039
--
S
6.00
-
-
0.236
-
-
Exposed
pad
S1
6.00
-
-
0.236
-
-
Exposed
pad
ccc
--0.08
--0.003
-
k
0
3.5
7.0
0
3.5
7.0
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More