Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 49Page - STMicroelectronics STA321 Datasheet HTML 50Page - STMicroelectronics STA321 Datasheet HTML 51Page - STMicroelectronics STA321 Datasheet HTML 52Page - STMicroelectronics STA321 Datasheet HTML 53Page - STMicroelectronics STA321 Datasheet HTML 54Page - STMicroelectronics STA321 Datasheet HTML 55Page - STMicroelectronics STA321 Datasheet HTML 56Page - STMicroelectronics STA321 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
STA321
FFX
Doc ID 15351 Rev 3
53/157
PWM output B can be similarly modulated via bits PM_nB:
with the wave starting from level 1 at the beginning of the period, and falling to level 0
when the audio signal intersects the down-carrier;
with the wave starting from level 0 at the beginning of the period, and rising to level 1
when the audio signal intersects the up-carrier;
The hybrid mode is the toggling between the two methods of modulation for each PWM
period.
Figure 30.
PWM modes for outputs A and B
The various single output modulation schemes can be combined together on the two
outputs to get the desired differential modulation schemes.
PWM mode
for output A
dn
dn
up
up
PWM mode
for output B
00: dn -> rising
01: up -> falling
10: hybrid 1
11: hybrid 2
00: dn -> falling
01: up -> rising
10: hybrid 1
11: hybrid 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More