Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 32Page - STMicroelectronics STA321 Datasheet HTML 33Page - STMicroelectronics STA321 Datasheet HTML 34Page - STMicroelectronics STA321 Datasheet HTML 35Page - STMicroelectronics STA321 Datasheet HTML 36Page - STMicroelectronics STA321 Datasheet HTML 37Page - STMicroelectronics STA321 Datasheet HTML 38Page - STMicroelectronics STA321 Datasheet HTML 39Page - STMicroelectronics STA321 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 157 page
background image
Digital processing stage
STA321
36/157
Doc ID 15351 Rev 3
6.3
Pre-EQ mix 1 and post-EQ mix
The four-channel data, received from the sample rate converters, is sent to Mix1 block to
produce the four mixed-channel data for processing. All this data can be mapped to any
internal processing channel through the appropriate configuration of the RAM memory
locations.
The post-EQ mixer acts in a similar way for the output channels from the processing and
directed to the FFX. It is placed after the delay block which provides a full 4-channel input
mix on every channel.
Figure 17.
Mixers block diagram
Table 19.
Channel mapping
Function
Channel
Memory location (RAM)
Pre mixer
Ch0
from 0x00
Ch1
from 0x04
Ch2
from 0x08
Ch3
from 0x0c
Post mixer
Ch0
from 0x118
Ch1
from 0x11c
Ch2
from 0x120
Ch3
from 0x124
G0_3
G0_2
G0_1
G0_0
ch0_out
ch1_out
ch3_out
ch2_out
ch0_in
ch1_in
ch2_in
ch3_in
ch0_in
ch1_in
ch2_in
ch3_in
ch0_in
ch1_in
ch2_in
ch3_in
ch0_in
ch1_in
ch2_in
ch3_in
pos: 0x119
pos: 0x11A
pos: 0x11B
pos: 0x11C
pos: 0x11D
pos: 0x11E
pos: 0x11Ff
pos: 0x120
pos: 0x121
pos: 0x122
pos: 0x123
pos: 0x124
pos: 0x125
pos: 0x126
pos: 0x127
pre: 0x01
pre: 0x02
pre: 0x03
pre: 0x04
pre: 0x05
pre: 0x06
pre: 0x0C
pre: 0x08
pre: 0x09
pre: 0x0A
pre: 0x0B
pre: 0x0D
pre: 0x0E
pre: 0x07
pre: 0x0F
pre: 0x00
pos: 0x118
G1_0
G1_1
G1_2
G1_3
G2_0
G2_1
G2_2
G2_3
G3_0
G3_1
G3_2
G3_3
+
++
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More