Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 85Page - STMicroelectronics STA321 Datasheet HTML 86Page - STMicroelectronics STA321 Datasheet HTML 87Page - STMicroelectronics STA321 Datasheet HTML 88Page - STMicroelectronics STA321 Datasheet HTML 89Page - STMicroelectronics STA321 Datasheet HTML 90Page - STMicroelectronics STA321 Datasheet HTML 91Page - STMicroelectronics STA321 Datasheet HTML 92Page - STMicroelectronics STA321 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
89/157
CBTTP1
CMOS bridge tristate time from powerdown
Address:
0x0D
Type:
RW
Reset:
0x02
Description:
See also register CBTTP0
FFXST
Address:
0x0E
Type:
RO
Reset:
0xC0
Description:
765
432
10
CBTTP[7:0]
[7:0] CBTTP[7:0]
LSBs of CB 3-state time after power-up factor
7
6
5432
1
0
EA_MPWM
CB_MPWM
EARMP_ST[1:0]
CBRMP_ST[1:0]
EABINSS_AC
CBBINSS_AC
[7] EA_MPWM
1: EA is in mute
[6] CB_MPWM
1: CB is in mute
[5:4] EARMP_ST[1:0]: pop free ramp status
00: parked
11: ready
10: going to park
01: going to ready
[3:2] CBRMP_ST[1:0]: pop free ramp status
00: parked
11: ready
10: going to park
01: going to ready
[1] EABINSS_AC
1: ramp active (going to park or ready)
[0] CBBINSS_AC
1: ramp active (going to park or ready)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More