| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 157 page ![]() STA321 Headphone detection Doc ID 15351 Rev 3 73/157 12.1 Applications circuits Two applications circuits are given here, one for the binary single-ended application and one for the binary headphone application. Figure 51. Headphone detection circuit for single-ended configuration Figure 52. Headphone detection circuit for binary HP configuration HP_DET1 HP_DET I 2C 100 k 1 k VCC33 TUD_EN HP_DET2 Filter FFX modulator CMOS bridge EAPWM out L1 L2 1 k 5 k HP_DET_FILT VCC33 HP_DET1 HP_DET I 2C 100 k 1 k VCC33 TUD_EN HP_DET2 FFX modulator CMOS bridge EAPWM out L1 L2 1 k 5 k hp_det_filt VCC33 L3 1 k Filter |