| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321 Fiches technique(PDF) 152 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Fiches technique(HTML) 152 Page - STMicroelectronics |
|
152 / 157 page ![]() Package mechanical data STA321 152/157 Doc ID 15351 Rev 3 16 Package mechanical data The STA321 comes in a 64-pin, 10 mm x 10 mm, LQFP, exposed pad down (EPD) package. The reference number is JEDEC MS-026-BCD-HD. In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 56. LQFP-64L EPD outline drawing |